PART |
Description |
Maker |
JANTX1N4102UR JANTX1N4102UR-1 JANTX1N4102URTR-1 JA |
Zener Voltage Regulator Diode Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SOIC -40 to 85 MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time:20ns; Load Capacitance:1000pF; Package/Case:8-SOIC; Number of Drivers:2; Supply Voltage Max:16.5V 500V N-Channel C-FET (FRFET) MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting; Peak Output High Current, Ioh:2A; Rise Time:20ns; Fall Time, tf:20ns; Load Capacitance:1000pF; Package/Case:8-MSOP; No. of Drivers:2; Supply Voltage Max:16.5V RoHS Compliant: Yes CAP 1500PF 50V 10% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR 4-Channel I2C And SMBus Multiplexer With Interrupt Logic And Reset Functions 20-TVSOP -40 to 85 Low-power dual supply translating transeiver; 3-state CAP 22PF 25V 20% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 22PF 25V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 1200PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 22PF 10V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 0.22UF 16V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR THYRISTOR MODULE, 18A 800VTHYRISTOR MODULE, 18A 800V; Voltage, Vrrm:800V; Current, It av:18A; Case style:SEMIPACK 1; Current, It rms:42A; Current, Itsm:320A; Voltage, Vgt:3.0V; Current, Igt:150mA; Centres, fixing:80mm; Depth, Remote 16-Bit I2C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-TVSOP -40 to 85 4-Channel I2C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP/QSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Remote 16-Bit I<sup>2</sup>C and SMBus, Low-Power I/O Expander With Interrupt Output and Config Registers 24-SSOP -40 to 85 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP 33PF 25V 5% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 CAP 27PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 RES .22 OHM 1/8W 1% 0805 SMD 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 1.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 30 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA 4-Channel I<sup>2</sup>C And SMBus Multiplexer With Reset Functions 16-VQFN -40 to 85 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 68 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP 3.0PF 50V /-0.5PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 60 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 19 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 17 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low-power dual 2-input NAND Schmitt trigger 低功耗双2输入与非门施密特触发 GLASS SURFACE MOUNT 0.5 WATT ZENERS 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA CAP,CHIP,270PF,1%,50V,COG,0603,SMD 玻璃表面贴装0.5瓦齐纳基准源 GLASS SURFACE MOUNT 0.5 WATT ZENERS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA GLASS SURFACE MOUNT 0.5 WATT ZENERS
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. Bel Fuse, Inc. MICROSEMI CORP-SCOTTSDALE
|
UDZ5807 UDZ8807 UDZ807 |
AC POWER ZENERS 1,3 AND 5 WATT TYPES
|
List of Unclassifed Manufacturers ETC
|
1N4728-4752 IN4728A 1N4752A 1N4728A 1N4730A 1N4731 |
One Watt Zeners 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 One Watt Zeners 22 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 One Watt Zeners 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 One Watt Zeners 13 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 One Watt Zeners 20 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Series One Watt Zeners
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
NZ23C5V6ALT1G |
24 Watt Peak Power Zener Transient Voltage Suppressors SOT−23 Dual Common Anode Zeners for ESD Protection
|
ON Semiconductor
|
1N964B 1N991B 1N957B 1N957B_04 1N958B 1N959B 1N960 |
15V, 0.5W Zener Diode 33V, 0.5W Zener Diode 10V, 0.5W Zener Diode 12V, 0.5W Zener Diode 22V, 0.5W Zener Diode 18V, 0.5W Zener Diode 16V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode Half Watt Zeners Zeners General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55 |
8A TRIACS 半瓦齐纳基准 Half Watt Zener(功耗为0.5瓦的齐纳二极 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Half Watt Zener(功耗为0.5瓦的齐纳二极 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Series Half Watt Zeners
|
Vishay Intertechnology, Inc. Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
U75820 UZ5822 UZ5824 UZ5827 |
POWER ZENERS
|
New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
UZ4S82 |
POWER ZENERS
|
New Jersey Semi-Conduct...
|
HBS100ZH-A HBS100ZG-A HBS100ZJ-A HBS HBS100YE-A HB |
HBS SERIES - 100 WATT T1/E1 Transformer HBS SERIES - 100 WATT 哈佛商学院系 100 SILIKROME COLORED LAMP BOOT , MILITARY STYLE, LUNAR WHITE
|
POWER-ONE[Power-One] Vaishali Semiconductor
|
1N752A 1N753A 1N759A 1N751A 1N750A IN746A 1N749A 1 |
Half Watt Zeners
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MI-27T-IV MI-27T-IW MI-27T-IX MI-27T-IY MI-27T-MV |
InputV:28V; outputV:24V; --W; 30A military DC-DC converter. For military applications InputV:270V; outputV:48V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:24V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W InputV:28V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:28V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:165V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:48V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W
|
http:// Vicor Corporation
|
|